Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDTC 2/2O Datasheet (PDF) - Wavelength Electronics, Inc.

LDTC 2/2O Datasheet PDF - Wavelength Electronics, Inc.
Part # LDTC 2/2O
Download  LDTC 2/2O Download
File Size   3264.38 Kbytes
Page   25 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Laser Diode & Temperature Controllers

LDTC 2/2O Datasheet (PDF)

Go To PDF Page Download Datasheet
LDTC 2/2O Datasheet PDF - Wavelength Electronics, Inc.

Part # LDTC 2/2O
Download  LDTC 2/2O Click to download

File Size   3264.38 Kbytes
Page   25 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Laser Diode & Temperature Controllers

LDTC 2/2O Datasheet (HTML) - Wavelength Electronics, Inc.


LDTC 2/2O Product details

FEATURES AND BENEFITS
• ±2.2 A of TEC and 2.2 A of LD current (up to 3 A
with product variation)
• Small package size
• Single supply operation LD: +5 to +12 V
• Single supply operation TC: +5 to +28 V
• Slow start laser diode protection
• Constant Current or Constant Power modes
• Adjustable laser diode current limit
• Remote TTL Shutdown/Interlock
• Ultra-stable PI control loop
• Separate heat & cool current limits
• Failsafe Setpoint default for D/A remote
temperature setting
APPLICATIONS
Ideal for integrated laser driver or LED packages that include
temperature control, often utilized in medical diagnostic
equipment, remote sensing, analytical instrumentation,
military, and communications applications.
POWER YOUR APPLICATION WITH
THE RIGHT FEATURES
The WTC32ND will control temperature using thermistors,
RTDs, or linear temperature sensors such as the LM335
or the AD590. Adjust temperature using the onboard
trimpot or a remote voltage input from a panel mount
potentiometer, DAC, or other voltage source. A default
temperature setpoint configuration provides fault tolerance
and avoids accidental damage to system components.
Adjustable trimpots configure heat and cool current limits.
The WLD33ND Laser Driver maintains precision laser
diode curent (Constant Current Mode) or stable photodiode
current (Constant Power mode) using electronics
compatible with A/B Type lasers.




Similar Part No. - LDTC 2/2O

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
LDTC INTLK KIT WAVELENGTH-LDTC INTLK KIT Datasheet
6Mb / 31P
Laser Diode Driver & Temperature Controller — with IntelliTune®
March 2026
More results


Similar Description - LDTC 2/2O

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
Digital Temperature Controllers
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
Temperature Controllers
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11_15 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Omron Electronics LLC
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
Digital Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
Temperature Controllers
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
Temperature Compensated Laser Diode Controller
November 11, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com